Part Number Hot Search : 
2SK0762A KBL005G 1N5606 TDA8380A 68HC0 CX1622 1N400 1T417
Product Description
Full Text Search
 

To Download KW1-562A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KW1-562 SERIES
LED Numeric Display Single Digit (0.56")
DESCRIPTION:
The KW1-562 series is 0.56 inch (14.20mm) height single digit display with right DP designed for viewing distances of up to seven meters. This series is suitable for use in industrial controls, consumer products and instrument panels. All devices are available as either common anode or common cathode.
PACKAGE DIMENSIONS
8.00
8.0
o
1.50 A 14.20(.56") F E G D B C DP
ABSOLUTE MAXIMUM RATINGS: (Ta=25 C)
Parameter Max Reverse Voltage per segment 5V Reverse Current per segment (Vr = 5V) 100A Derating Linear from 25oC per segment 0.4mA/ oC Operating Temperature Range -40oC To 85oC Storage Temperature Range -40oC To 100oC Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260oC
NOTES : 1. All dimensions are in millimeters (inches). 2. Tolerance is +0.25mm(0.010) unless otherwise specified. 3. Specifications are subject to change without notice. 4. NP: No Pin. 5. NC: No Connect.
o
PIN 1
+
12.70
8.00
19.00
0.50 15.24 2.46*4=9.84
INTERNAL CIRCUIT DIAGRAM
3, 8 3, 8
TESTING CONDITION FOR EACH PARAMETER :
Parameter Forward Voltage Peak Emission Wave Length Spectral Line Half-Width Reverse Current Average Luminous Intensity Symbol Vf Ir Iv Unit V nm nm A cd Test Condition If=20mA If=20mA If=20mA Vr=5V If=10mA
A B C D E F G DP 7 6 4 2 1 9 10 5 A B C D E F G DP 7 6 4 2 1 9 10 5
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25 C AMBIENT)
Chip Part No. Raw Material GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP Emitted Color Hi-Eff. Red Super Red Green Super Green Yellow Hi-Eff Red Super Red Green Super Green Yellow Common Cathode Common Anode C.C or C.A Wave Length (nm) 635 660 565 570 585 635 660 565 570 585 Absolute Maximum Ratings Pd If Electro-optical Data(at 10mA)
o
If If Vf (V) Iv (cd) (Peak) Per Segment (Rec) Per Segment (nm) (mW) (mA) (mA) Min. Typ. Max. mA Min. Typ. 45 20 30 30 30 45 20 30 30 30 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 50 50 50 100 100 100 100 100 100 100 100 100 100 1.7 1.5 1.7 1.7 1.7 1.7 1.5 1.7 1.7 1.7 1.9 1.9 2.2 2.2 1.9 1.9 1.9 2.2 2.2 1.9 2.6 10-20 750 2000
KW1-562A3 KW1-562AS KW1-562A2 KW1-562AG KW1-562A6 KW1-562C3 KW1-562CS KW1-562C2 KW1-562CG KW1-562C6
2.6 10-20 5600 21000 2.6 10-20 750 2.6 10-20 850 2.6 10-20 700 2.6 10-20 750 2000 2200 1600 2000
2.6 10-20 5600 21000 2.6 10-20 750 2.6 10-20 850 2.6 10-20 700 2000 2200 1600
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments. 2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve. 3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).


▲Up To Search▲   

 
Price & Availability of KW1-562A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X